PART |
Description |
Maker |
SSAC120200 |
1.5mm-travel, with External Knob Type
|
ALPS ELECTRIC CO.,LTD.
|
SPPH110800 SPPH120100 SPPH1 SPPH110300 SPPH110900 |
1.5mm-travel Vertical Type
|
ALPS ELECTRIC CO.,LTD.
|
SSAD120100 SSAD110100 |
0.7(H)mm, 1.5mm-travel Surface Mount Type
|
ALPS ELECTRIC CO.,LTD.
|
SPPJ322300 SPPJ310500 SPPJ311500 SPPJ320600 |
2.5mm-travel Compact-sized Horizontal Type
|
ALPS ELECTRIC CO.,LTD.
|
1SV231 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation Toshiba Semiconductor
|
RS15H121A009 RS15H12AA009 RS15H12AA00F |
Compact total length of travel 15mm Compact total length of travel 15mm and improved operating feel
|
ALPS ELECTRIC CO.,LTD.
|
54LS76 S7476W S7476F S74LS76W S74LS76F 74LS76 54_7 |
ENCLOSURE, CARDMASTER POLYCARBONATE; Length / Height, external:160mm; Width, external:166mm; Depth, external:118mm; Material:Polycarbonate; Colour:Light Grey; Flammability rating:UL 94 5V; IP rating:IP 65; RAL number:7035; Temp, op. DUAL JK FLIP - FLOP 双JK触发次浮点运
|
Signetics ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
3602 |
Enclosure; Enclosure Material:Aluminum; External Height:3"; External Width:2.63"; External Depth:1.65"; Enclosure Color:Blue; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
POMONA ELECTRONICS
|
ML4803CP-1 ML4803CP-2 ML4803CS-1 ML4803IP-1 ML4803 |
INDICATOR, T1, ROUND; Lamp fitting type:Bi-Pin; Diameter, panel cut-out:8mm; Depth, external:25mm; Length / Height, external:9mm; Temp, op. max:45(degree C); Temp, op. min:-25(degree C); Width, external:9mm; LED / lamp size:T1 RoHS Compliant: Yes 8-Pin PFC and PWM Controller Combo
|
MICRO-LINEAR[Micro Linear Corporation]
|
SKDI26 SKDI26_02 SKDI26_04 SKDI26_06 SKDI26_08 SKD |
LED 470NM TAPERED BLUE 5MM 3 PHASE, 800 V, SILICON, BRIDGE RECTIFIER DIODE LED 623NM ROUND RED 5MM LED 589NM ROUND YELLOW 5MM LED 573NM TAPERED YLW/GRN 5MM LED 525NM ROUND GREEN 5MM 3~phase
|
SEMIKRON[Semikron International]
|